Part Number Hot Search : 
MCP21 P2040C MAX687 RFR3607 2SA1194K TZA1048 CM600 CX3HSSM3
Product Description
Full Text Search
 

To Download L2SA1576ART1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. general purpose transistors pnp silicon maximum ratings rating symbol v alue unit collector?emitter voltage v ceo ?50 v collector?base voltage v cbo ?60 v emitter?base voltage v ebo ?6.0 v collector current ? continuous i c ?150 madc collector power dissipation p c 0.15 w junction temperature t j 150 c storage temperature t stg -55 ~ +150 c device marking l2sa1576aqt1g =fq L2SA1576ART1G=fr l2sa1576ast1g =fs electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit collector?emitter breakdown voltage v (br)ceo ? 50 ? ? v (i c = ?1 ma) emitter?base breakdown voltage v (br)ebo ? 6 ? ? v (i e = ? 50 a) collector?base breakdown voltage v (br)cbo ? 60 ? ? v (i c = ? 50 a) collector cutoff current i cbo ? ? ? 0.1 a (v cb = ? 60 v) emitter cutoff current i ebo ? ? ? 0.1 a (v eb = ? 6 v) collector-emitter saturation voltage v ce(sat) ? ? -0.5 v (i c /i b = ? 50 ma / ? 5m a) dc current transfer ratio h fe 120 ?? 560 ?? (v ce = ? 6 v, i c = ?1ma) transition frequency f t ? 140 ?? mhz (v ce = ? 12 v, i e = 2ma, f=30mhz ) output capacitance c ob ? 4.0 5.0 pf (v cb = ? 12 v, i e = 0a, f =1mhz ) h fe values are classified as follows: qrs hfe 120~270 180~390 270~560 1 3 2 sc-70/sot? 323 2 emitter 3 collector 1 base * l2sa1576aqt1g series z ordering information device package shipping l2sa1576aqlt1g series 3000/tape & reel sc-70 10000/tape & reel l2sa1576aqlt3g series sc-70 we declare that the material of product compliance with rohs requirements. rev.o 1/4
leshan radio company, ltd. ?0.2 ?0.4 ?0.6 ?0.8 ?1.0 ?1.2 ?1.4 ?1.6 t a = 100c 25c ? 40c ?50 ?20 ?10 ?50 ?2 ?1 ?0.5 ?0.2 ?0.1 0 ?0.4 ?0.8 ?1.2 ?1.6 ?2.0 t a = 25c ?10 ?8 ?6 ?4 ?2 0 i c , collector current (ma) fig.1 grounded emitter propagation characteristics fig.2 grounded emitter output characteristics( ) fig.3 grounded emitter output characteristics( ) fig.4 dc current gain vs. collector current ( ) fig.5 dc current gain vs. collector current ( ) fig.6 collector-emitter saturation voltage vs. collector current ( ) v ce = ?10 v v be , base to emitter voltage(v) i c , collector current (ma) v ce , collector to emitter voltage (v) ?35.0 ?31.5 ?28.0 ?24.5 ?21.0 ?17.5 ?14.0 ?10.5 ?7.0 ?3.5 a i b =0 0 ?1?2 ?3 ?4?5 t a = 25c ?100 ?80 ?60 ?40 ?20 0 i c , collector current (ma) v ce , collector to emitter voltage (v) ?250 ?200 ?150 500 450 400 350 300 ?100 ?50 a i b =0 t a = 25c 500 200 100 50 h fe , dc current gain v ce = ?5 v ?3v ?1v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 500 200 100 50 h fe , dc current gain v ce = ? 6v i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 25c ?40c ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c i c /i b = 50 20 10 l2sa1576aqt1g series rev.o 2/4
leshan radio company, ltd. fig.7 collector-emitter saturation voltage vs. collector current ( ) ?1 ?0.5 ?0.2 ?0.1 ?0.05 v ce(sat) , collector saturation voltage(v) i c , collector current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 100c 25c ?40c i c /i b = 10 fig.8 gain bandwidth product vs. emitter current 1000 500 200 100 50 f r , transition frequency(mhz) i e , emitter current (ma) ?0.2 ?0.5 ?1 ?2 ?5 ?10 ?20 ?50 ?100 t a = 25c v ce = ?12v fig.9 collector output capacitance vs.collector-base voltage emitter inputcapacitance vs. emitter-base voltage 20 10 5 2 c ob , collector output capacitance( pf) c ib , emitter input capacitance (pf) v cb , collector to base voltage (v) v eb , emitter to base voltage (v) ?0.5 ?1 ?2 ?5 ?10 ?20 t a = 25c f =1mhz i e = 0a i c = 0a c ib c ob l2sa1576aqt1g series rev.o 3/4
sc - 70/sot - 323 leshan radio company, ltd. l2sa1576aqt1g series a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 4/4


▲Up To Search▲   

 
Price & Availability of L2SA1576ART1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X